PART |
Description |
Maker |
PUMA68S4000/I-45 PUMA68S4000/M-45 PUMA68S4000/AI-3 |
24MHZ, TQFP, IND TEMP, GREEN(MCU 5X) 33MHZ, PLCC, COM TEMP(MCU 5X) 8051 32K FLASH 4 TO 5.5V,PDIP,GREEN(MCU 5X) 24MHZ, PDIP, IND TEMP(MCU 5X) x32 SRAM Module 20MHZ, TSSOP, IND TEMP, 2.4-5.5V(MCU 5X) 24MHZ, TQFP, COM TEMP(MCU 5X) X32号的SRAM模块
|
L-com, Inc.
|
HT68F60 HT68F20 |
(HT68F20 - HT68F60) Enhanced I/O Flash Type MCU 8-Bit MCU
|
Holtek Semiconductor
|
HT66F201109 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
HT68F50 HT68F40 HT68F20 HT68F30 HT68F60 |
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
HT66F201006 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
STM32F411VEI6 |
STM32 Dynamic Efficiency MCU, High-performance and DSP with FPU, ARM Cortex-M4 MCU with 512 Kbytes Flash, 100 MHz CPU, Art Accelerator
|
ST Microelectronics
|
ST62P03CM6 ST62P03CM1 ST62P03CM3 ST62T01CM6/TR ST6 |
(ST62P00C - ST62P03C) 8-BIT MCU 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET 8-BIT MICROCONTROLLER (MCU) WITH OTP. ROM. FASTROM. EPROM. A/D CONVERTER. OSCILLATOR SAFEGUARD. SAFE RESET AND 16 PINS 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。存储器。的A / D转换器。振荡器保障。安全复位和16个引
|
意法半导 ST Microelectronics STMicroelectronics N.V.
|
PUMA68S16000ALM-020 PUMA68S16000ALM-025 PUMA68S160 |
x32 SRAM Module 24MHZ, PDIP, IND TEMP, GREEN, 5V(MCU 5X) 12MHZ, PDIP, IND TEMP(MCU 5X) 24MHZ, SOIC, IND TEMP(MCU 5X) CRYPTORF FAMLY MOD LTO10X20 W/LOGO 17-02(EMBEDDED CRYPTO PROD) MODULE E, GENERIC SECURE CODE, GREEN(EMBEDDED CRYPTO PROD) 8051 4K FLASH 2.7 TO 5.5V, PDIP(MCU 5X) X32号的SRAM模块 24MHZ, PDIP, COM TEMP(MCU 5X) X32号的SRAM模块 12MHZ, SOIC, IND TEMP, GREEN, 4V - 5.5V(MCU 5X) X32号的SRAM模块 MODULE F, GREEN(EMBEDDED CRYPTO PROD) X32号的SRAM模块
|
Electronic Theatre Controls, Inc. AMIC Technology, Corp.
|
ST23YS08 |
Smartcard MCU Smartcard MCU with Enhanced Security and 8 KBytes High-Density EEPROM
|
STMicroelectronics
|
HD6417751F167 HD6417750BP200 |
MCU AVR 8K FLASH 15MHZ 8-SOIC 微处理器 IC AVR MCU 8K 20MHZ 8DIP
|
|
STR710F STR711FR2T6 STR710FZ2T6 STR711FR0T6 STR712 |
ARM7TDMI⑩ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI⒙ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES 144/64-pin ARM7TDMI MCU with up to 256KB FLASH, 64KB RAM and EMI
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
|